| 전자부품 데이터시트 검색엔진 |
|
NRF9160-SIBA-R 데이터시트(PDF) 86 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R 데이터시트(HTML) 86 Page - Nordic Semiconductor |
|
86 / 400 page ![]() Peripherals 6.2 DPPI - Distributed programmable peripheral interconnect The distributed programmable peripheral interconnect (DPPI) enables peripherals to interact autonomously with each other by using tasks and events, without any intervention from the CPU. DPPI allows precise synchronization between peripherals when real-time application constraints exist, and eliminates the need for CPU involvement to implement behavior which can be predefined using the DPPI. Note: For more information on tasks, events, publish/subscribe, interrupts, and other concepts, see Peripheral interface on page 15. The DPPI has the following features: • Peripheral tasks can subscribe to channels • Peripheral events can be published on channels • Publish/subscribe pattern enabling multiple connection options that include the following: • One-to-one • One-to-many • Many-to-one • Many-to-many The DPPI consists of several PPIBus modules, which are connected to a fixed number of DPPI channels and a DPPI configuration (DPPIC). 4418_1315 v2.0 86 |