| 전자부품 데이터시트 검색엔진 |
|
NRF9160-SIBA-R 데이터시트(PDF) 78 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SIBA-R 데이터시트(HTML) 78 Page - Nordic Semiconductor |
|
78 / 400 page ![]() Power and clock management Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A W SYSTEMOFF Enable System OFF mode Enable 1 Enable System OFF mode 5.3.3.1.2 DCDCEN Address offset: 0x578 Enable DC/DC mode of the main voltage regulator. Note: DCDCEN must be set to 1 (enabled) before the LTE modem is started. Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW DCDCEN Enable DC/DC converter Disabled 0 DC/DC mode is disabled Enabled 1 DC/DC mode is enabled 4418_1315 v2.0 78 |