전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HC05V7GRS/D 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 HC05V7GRS/D
상세설명  Low cost, HC05 Core
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05V7GRS/D 데이터시트(HTML) 3 Page - NXP Semiconductors

  HC05V7GRS/D Datasheet HTML 1Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 2Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 3Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 4Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 5Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 6Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 7Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 8Page - NXP Semiconductors HC05V7GRS/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 170 page
background image
Page iii
MC68HC05V7 Specification Rev. 1.0
TABLE OF CONTENTS
SECTION 1
GENERAL DESCRIPTION .............................................. 1
1.1
FEATURES.................................................................................1
1.2
MASK OPTIONS ........................................................................2
1.3
PIN ASSIGNMENTS...................................................................2
1.4
MCU STRUCTURE ....................................................................8
1.5
FUNCTIONAL PIN DESCRIPTION ............................................9
1.5.1
VBATT.....................................................................................9
1.5.2
VDD AND VSS ........................................................................9
1.5.3
VSSA1.....................................................................................9
1.5.4
VSSA2.....................................................................................9
1.5.5
VCCA ......................................................................................9
1.5.6
VREFH AND VREFL.................................................................9
1.5.7
OSC1, OSC2.......................................................................10
1.5.8
RESET ................................................................................11
1.5.9
IRQ (MASKABLE INTERRUPT REQUEST) .......................11
1.5.10
PA0-PA7..............................................................................11
1.5.11
PB0-PB5, PB6/TCMP, PB7/TCAP ......................................11
1.5.12
PC0-PC7 .............................................................................11
1.5.13
AD0-AD7 / PD0-PD7: AD8-AD15/PE0-PE7 ........................12
1.5.14
PWM....................................................................................12
1.5.15
PF0/SS, PF1/SCK, PF2/MOSI, PF3/MISO .........................12
1.5.16
BUS, LOAD, REXT1, REXT2 ..............................................12
1.5.17
VIGN.....................................................................................12
SECTION 2
MEMORY MAP .............................................................. 13
2.1
SINGLE-CHIP MODE MEMORY MAP .....................................13
2.2
I/O AND CONTROL REGISTERS ............................................13
2.3
RAM..........................................................................................14
2.4
ROM .........................................................................................15
2.5
EEPROM ..................................................................................15
SECTION 3
EEPROM ........................................................................ 21
3.1
EEPROM PROGRAMMING REGISTER $1C ..........................21
3.1.1
CPEN - Charge Pump Enable.............................................21
3.1.2
ER1:ER0 - Erase Select Bits...............................................21
3.1.3
LATCH.................................................................................22
3.1.4
EERC - EEPROM RC Oscillator Control.............................22
3.1.5
EEPGM - EEPROM Programming Power Enable...............22
3.2
OPERATION IN STOP AND WAIT...........................................24
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More