전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HC705RC17GRS/D 데이터시트(PDF) 15 Page - NXP Semiconductors

부품명 HC705RC17GRS/D
상세설명  The MC68HC705RC17 is a general-purpose, low-cost addition to the M68HC05 Family of microcontroller units (MCUs) and is suitable for remote control applications.
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705RC17GRS/D 데이터시트(HTML) 15 Page - NXP Semiconductors

Back Button HC705RC17GRS/D Datasheet HTML 11Page - NXP Semiconductors HC705RC17GRS/D Datasheet HTML 12Page - NXP Semiconductors HC705RC17GRS/D Datasheet HTML 13Page - NXP Semiconductors HC705RC17GRS/D Datasheet HTML 14Page - NXP Semiconductors HC705RC17GRS/D Datasheet HTML 15Page - NXP Semiconductors HC705RC17GRS/D Datasheet HTML 16Page - NXP Semiconductors HC705RC17GRS/D Datasheet HTML 17Page - NXP Semiconductors HC705RC17GRS/D Datasheet HTML 18Page - NXP Semiconductors HC705RC17GRS/D Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 126 page
background image
MC68HC705RC17 — Rev. 2.0
General Release Specification
General Description
General Release Specification — MC68HC705RC17
Section 1. General Description
1.1 Contents
1.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15
1.3
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16
1.4
Options . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18
1.5
Signal Description. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18
1.5.1
VDD and VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .19
1.5.2
IRQ/VPP (Maskable Interrupt Request) . . . . . . . . . . . . . . . .20
1.5.3
OSC1 and OSC2. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20
1.5.4
RESET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
1.5.5
LPRST. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
1.5.6
IRO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
1.5.7
Port A (PA0–PA7) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
1.5.8
Port B (PB0–PB7) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
1.5.9
Port C (PC0–PC1 and PC4–PC7). . . . . . . . . . . . . . . . . . . .22
1.5.10
XFC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
1.5.11
VDDSYN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
1.2 Introduction
The MC68HC705RC17 is a general-purpose, low-cost addition to the
M68HC05 Family of microcontroller units (MCUs) and is suitable for
remote control applications. It contains the HC05 central processing unit
(CPU) core, including the 14-stage core timer with real-time interrupt
(RTI), computer operating properly (COP) watchdog systems, and a
programmable phase-lock loop (PLL) synthesizer. On-chip peripherals
include a carrier modulator transmitter. The 16-Kbyte memory map has
15,936 bytes of user EPROM, 340 bytes of boot ROM, and 352 bytes of
RAM. There are 18 input-output (I/O) lines (eight having keyscan logic
and pullups) and a low-power reset pin.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More