| 전자부품 데이터시트 검색엔진 |
|
HC705RC17GRS/D 데이터시트(PDF) 123 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705RC17GRS/D 데이터시트(HTML) 123 Page - NXP Semiconductors |
|
123 / 126 page ![]() MC68HC705RC17 — Rev. 2.0 General Release Specification Ordering Information General Release Specification — MC68HC705RC17 Section 15. Ordering Information 15.1 Contents 15.2 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .123 15.3 Ordering Information. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .123 15.2 Introduction This section contains ordering instructions for the MC68HC705RC17. 15.3 Ordering Information Table 15-1 provides information in determing order numbers. Table 15-1. MC Order Numbers Package Type Operating Temperature Range MC Order Number 28-Pin Plastic Dual In-Line Package (DIP) 0 to 70 °C MC68HC705RC17P 28-Pin Small Outline Integrated Circuit Package (SOIC) 0 to 70 °C MC68HC705RC17DW Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |