| 전자부품 데이터시트 검색엔진 |
|
STM32U595AI 데이터시트(PDF) 132 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595AI 데이터시트(HTML) 132 Page - STMicroelectronics |
|
132 / 377 page ![]() - - G1188 M4 L1 J8 H9 D15 - - G1188 J8 PG3 I/O FT_hs - SPI1_MISO, FMC_A13, SAI2_FS_B, EVENTOUT - - - G9 89 M2 M2 H11 J10 F12 - - G9 89 H11 PG4 I/O FT_hs - SPI1_MOSI, FMC_A14, SAI2_MCLK_B, EVENTOUT - - - G12 90 L3 L3 J9 G12 E14 - - G12 90 J9 PG5 I/O FT_hs - SPI1_NSS, LPUART1_CTS, DSI_TE, FMC_A15, SAI2_SD_B, EVENTOUT - - - F9 91 M6 M4 H10 G10 D14 - - F9 91 H10 PG6 I/O FT_hs - OCTOSPIM_P1_DQS, I2C3_SMBA, SPI1_RDY, LCD_R1, LPUART1_RTS_DE, UCPD1_FRSTX1, EVENTOUT - - - F10 92 L1 J1 G8 G14 D13 - - F10 92 G8 PG7 I/O FT_fhs - SAI1_CK1, I2C3_SCL, OCTOSPIM_P2_DQS, MDF1_CCK0, LPUART1_TX, UCPD1_FRSTX2, FMC_INT, SAI1_MCLK_A, EVENTOUT - Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |