| 전자부품 데이터시트 검색엔진 |
|
STM32U595AI 데이터시트(PDF) 133 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595AI 데이터시트(HTML) 133 Page - STMicroelectronics |
|
133 / 377 page ![]() - - F12 93 K4 K2 H9 F11 E13 - - F12 93 H9 PG8 I/O FT_fs - I2C3_SDA, LPUART1_RX, EVENTOUT - - - -94 K2 - - N4 G10 - - -94- VSS S - - - - - - - 95 J1 G1 H12 E2 G11 - - - 95 H12 VDDIO2 S - - - - 37 63 F11 96 J3 N5 H13 D5 C15 37 63 F11 96 H13 PC6 I/O FT_a - CSLEEP, TIM3_CH1, TIM8_CH1, MDF1_CKI3, LCD_R0, SDMMC1_D0DIR, TSC_G4_IO1, DCMI_D0/PSSI_D0, SDMMC2_D6, SDMMC1_D6, SAI2_MCLK_A, EVENTOUT - 38 64 E10 97 L5 J3 G12 D3 B15 38 64 E10 97 G12 PC7 I/O FT_a - CDSTOP, TIM3_CH2, TIM8_CH2, MDF1_SDI3, LCD_R1, SDMMC1_D123DIR, TSC_G4_IO2, DCMI_D1/PSSI_D1, SDMMC2_D7, SDMMC1_D7, SAI2_MCLK_B, LPTIM2_CH2, EVENTOUT - Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |