| 전자부품 데이터시트 검색엔진 |
|
STM32U595AI 데이터시트(PDF) 136 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U595AI 데이터시트(HTML) 136 Page - STMicroelectronics |
|
136 / 377 page ![]() 45 71 B12 104 C1 C1 F13 B1 B13 45 71 B12 104 F13 PA12 I/O TT (5) TIM1_ETR, SPI1_MOSI, OCTOSPIM_P2_NCS, USART1_RTS_DE, FDCAN1_TX, EVENTOUT OTG_HS_ DP(boot) 46 72 C10 105 D2 E3 F12 B3 C13 46 72 C10 105 F12 PA13 (JTMS/ SWDIO) I/O FT (6) JTMS/SWDIO, IR_OUT, SAI1_SD_B, EVENTOUT - 47 - - - C3 AA1 - P3 - 47 - - - - VSS S - - - - 48 73 A12 106 A1 A1 E13 A2 E9 48 73 A12 106 E13 VDDUSB S - - - - - 74 H4 107 - D2 E12 R16 H10 - 74 H4 107 E12 VSS S - - - - - 75 D9 108 - U1 D13 A6 - - 75 D9 108 D13 VDD S - - - - 49 76 C11 109 H4 F4 C10 D11 A12 49 76 C11 109 C10 PA14 (JTCK/ SWCLK) I/O FT (6) JTCK/SWCLK, LPTIM1_CH1, I2C1_SMBA, I2C4_SMBA, OTG_HS_SOF, SAI1_FS_B, EVENTOUT - Table 26. STM32U59xxx pin/ball definitions(1) (continued) (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |