전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25R3916B 데이터시트(PDF) 83 Page - STMicroelectronics

부품명 ST25R3916B
상세설명  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B 데이터시트(HTML) 83 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 79Page - STMicroelectronics ST25R3916B Datasheet HTML 80Page - STMicroelectronics ST25R3916B Datasheet HTML 81Page - STMicroelectronics ST25R3916B Datasheet HTML 82Page - STMicroelectronics ST25R3916B Datasheet HTML 83Page - STMicroelectronics ST25R3916B Datasheet HTML 84Page - STMicroelectronics ST25R3916B Datasheet HTML 85Page - STMicroelectronics ST25R3916B Datasheet HTML 86Page - STMicroelectronics ST25R3916B Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 165 page
background image
DS13541 Rev 7
83/165
ST25R3916B ST25R3917B
Application information
164
4.5.10
Stream mode definition register
Register space: A
Address: 09h
Type: RW
Table 34. Stream mode definition register
Bit
Name
Default
Function
Comments
70
-
-
6
scf1
0
Refer to Table 35
Sub-carrier frequency definition for
Sub-carrier stream mode.
5
scf0
0
4
scp1
0
scp1
scp0
Number of pulses
Number of sub-carrier pulses in report period
for Sub-carrier stream mode.
00
RFU
01
RFU
3
scp0
0
10
4
11
8
2stx2
0
Refer to Table 36
Definition of time period for Tx modulator
control (for Sub-carrier and BPSK stream
mode).
1stx1
0
0stx0
0
Table 35. Sub-carrier frequency definition for Sub-Carrier stream mode
scf1
scf0
Sub-Carrier mode
BPSK mode
0
0
-
fc/16 (848 kHz)
0
1
fc/32 (424 kHz)
RFU
10
-
11
-
Table 36. Definition of time period for Stream mode Tx modulator control
stx2
stx1
stx0
Time period
0
0
0
fc/128 (106 kHz)
0
0
1
fc/64 (212 kHz)
0
1
0
fc/32 (424 kHz)
0
1
1
fc/16 (848 kHz)
1X
X
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com