전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25R3916B 데이터시트(PDF) 95 Page - STMicroelectronics

부품명 ST25R3916B
상세설명  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B 데이터시트(HTML) 95 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 91Page - STMicroelectronics ST25R3916B Datasheet HTML 92Page - STMicroelectronics ST25R3916B Datasheet HTML 93Page - STMicroelectronics ST25R3916B Datasheet HTML 94Page - STMicroelectronics ST25R3916B Datasheet HTML 95Page - STMicroelectronics ST25R3916B Datasheet HTML 96Page - STMicroelectronics ST25R3916B Datasheet HTML 97Page - STMicroelectronics ST25R3916B Datasheet HTML 98Page - STMicroelectronics ST25R3916B Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 165 page
background image
DS13541 Rev 7
95/165
ST25R3916B ST25R3917B
Application information
164
4.5.24
Timer and EMV control register
Register space: A
Address: 12h
Type: RW
Table 51. Timer and EMV control register
Bit
Name
Default
Function
Comments
7
gptc2
0
General purpose timer trigger source.
Refer to Table 52
-
6
gptc1
0
5
gptc0
0
4RFU
0
-
-
3
mrt_step
0
0: 64 / fc
1: 512 / fc
Mask receive timer step size
2nrt_nfc
0
0: NRT starts at end of TX (own field off)
1: NRT starts at peer field-on event
No-response timer start condition in AP2P
initiator and target mode.
1
nrt_emv
0
1: No-response timer EMV mode
-
0nrt_step
0
0: 64 / fc
1: 4096 / fc
No-response timer step size.
Table 52. Trigger sources
gptc2 gptc1 gptc0
Trigger source
X
X
X
The timer starts always with direct command Start General purpose timer.
0
0
0
No additional trigger source.
0
0
1
Additionally starts at End of RX (after EOF).
0
1
0
Additionally starts at Start of RX.
011
Additionally starts at End of TX.
In AP2P modes the timer is used to switch the field off.
In AP2P modes enables NRT start according to nrt_nfc description.
100
RFU
101
110
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com