전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25R3916B 데이터시트(PDF) 37 Page - STMicroelectronics

부품명 ST25R3916B
상세설명  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B 데이터시트(HTML) 37 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 33Page - STMicroelectronics ST25R3916B Datasheet HTML 34Page - STMicroelectronics ST25R3916B Datasheet HTML 35Page - STMicroelectronics ST25R3916B Datasheet HTML 36Page - STMicroelectronics ST25R3916B Datasheet HTML 37Page - STMicroelectronics ST25R3916B Datasheet HTML 38Page - STMicroelectronics ST25R3916B Datasheet HTML 39Page - STMicroelectronics ST25R3916B Datasheet HTML 40Page - STMicroelectronics ST25R3916B Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 165 page
background image
DS13541 Rev 7
37/165
ST25R3916B ST25R3917B
Application information
164
If the External field level is not detected yet, the Activation threshold is used. If the External
field level is detected, the Deactivation threshold is used.
The Activation threshold must be set higher than or equal to the Deactivation threshold.
If the Activation is higher than the Deactivation, the hysteresis is given by the difference
between the two levels.
If the Activation and Deactivation levels are equal, there is no the hysteresis in the system
and multiple field-on/off events can verify if the actual field level persists in proximity of the
selected threshold.
Peer detection threshold
This threshold is used to detect the field emitted by peer NFC device with whom NFC
communication is going on. It can be selected in the range from 75 to 800 mVPP. When this
threshold is enabled the detector is in low power mode. An interrupt is generated when an
external field is detected and also when it is switched off. With such implementation it can
also be used to detect the moment when the external field disappears. This can be used to
detect the moment when the peer NFC device (either an initiator or a target) has stopped
emitting an RF field.
The External Field Detector is enabled in low power Peer Detection mode by setting bits
en_fd_c,1:0> in the Operation control register.
Collision avoidance threshold
This threshold is used during the RF collision avoidance sequence, which is executed by
sending NFC Field ON commands (see Section 4.4.5: NFC field ON commands). It can be
selected in the range from 25 to 800 mVPP.
4.2.10
Power supply system
The ST25R3916B and ST25R3917B feature three positive supply pins, VDD, VDD_TX and
VDD_IO:
•
VDD is the main power supply pin. It supplies the ST25R3916B and ST25R3917B
blocks through two regulators (VDD_A, VDD_D)
•
VDD_TX is the transmitter supply pin. It supplies the transmitter via two regulators
(VDD_RF, VDD_AM). VDD range from 2.4 to 5.5 V is supported. VDD and VDD_TX must
be connected to the same power supply.
•
VDD_IO is used to define supply level for digital communication pins (BSS, MISO,
MOSI, SCLK, IRQ, MCU_CLK). Digital communication pins interface to the
ST25R3916B and ST25R3917B logic through level shifters, therefore the internal
supply voltage can be either higher or lower than VDD_IO. VDD_IO range from 1.65 to
5.5 V is supported.
Figure 10 details the building blocks of the ST25R3916B and ST25R3917B power supply
system. It contains three regulators, a power-down support block, a block generating
analogue reference voltage (AGDC) and a block performing automatic power supply
adjustment procedure. The three regulators are providing supply to analogue blocks
(VDD_A), logic (VDD_D) and transmitter (VDD_RF). The use of VDD_A and VDD_D regulators is
mandatory at 5 V power supply to provide regulated voltage to analogue and logic blocks,
which only use 3.3 V. The use of VDD_A and VDD_D regulators at 3 V supply and VDD_RF
regulator at any supply voltage is recommended to improve system PSRR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com