전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25R3916B 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 ST25R3916B
상세설명  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 16Page - STMicroelectronics ST25R3916B Datasheet HTML 17Page - STMicroelectronics ST25R3916B Datasheet HTML 18Page - STMicroelectronics ST25R3916B Datasheet HTML 19Page - STMicroelectronics ST25R3916B Datasheet HTML 20Page - STMicroelectronics ST25R3916B Datasheet HTML 21Page - STMicroelectronics ST25R3916B Datasheet HTML 22Page - STMicroelectronics ST25R3916B Datasheet HTML 23Page - STMicroelectronics ST25R3916B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 165 page
background image
Pin and signal description
ST25R3916B ST25R3917B
20/165
DS13541 Rev 7
Figure 6. ST25R3916B WLCSP36 (top view)
MS69268V2
TAD2
A
AGDC
BSS
VDD_IO
GND_A
IRQ
RFI1
B
RFI2
MISO
TAD1
GND_A
GND_A
VSS
C
VSS
VDD_D
XTO
VSS
MCU
_CLK
AAT_B
D
I2C_EN
GND_D
XTI
SCLK
MOSI
AAT_A
E
EXT_LM
VDD_TX
VDD
VDD_DR
VDD_A
GND_DR2
F
RFO2
VDD_AM
VDD_RF
RFO1
GND_DR1
12
34
56
Table 2. ST25R3916B - VFQFPN32 and WLCSP36 pin assignment
VFQFPN32
WLCSP
Name
Type(1)
Description
1
A6
VDD_IO
P
Positive supply for peripheral communication
2
B6
TAD1
AO
Test output 2
3
C5
VDD_D
AO
Digital supply regulator output
4
C6
XTO
AO
Crystal oscillator output
5D6
XTI
AI/DI
Crystal oscillator input, in test mode used as digital input
(clock)
6
D5
GND_D
P
Digital ground
7
E4
VDD_A
AO
Analog supply regulator output
8
E6
VDD
P
External positive supply
9
F6
VDD_RF
AO
Regulated driver supply for antenna drivers
10
E5
VDD_TX
P
External positive supply for the TX part
11
F5
VDD_AM
AO
Regulated driver supply for AM modulation
12
F4
GND_DR1
P
Antenna driver ground, including driver VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More