전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25R3916B 데이터시트(PDF) 36 Page - STMicroelectronics

부품명 ST25R3916B
상세설명  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B 데이터시트(HTML) 36 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 32Page - STMicroelectronics ST25R3916B Datasheet HTML 33Page - STMicroelectronics ST25R3916B Datasheet HTML 34Page - STMicroelectronics ST25R3916B Datasheet HTML 35Page - STMicroelectronics ST25R3916B Datasheet HTML 36Page - STMicroelectronics ST25R3916B Datasheet HTML 37Page - STMicroelectronics ST25R3916B Datasheet HTML 38Page - STMicroelectronics ST25R3916B Datasheet HTML 39Page - STMicroelectronics ST25R3916B Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 165 page
background image
Application information
ST25R3916B ST25R3917B
36/165
DS13541 Rev 7
Figure 8. Phase detector inputs and output in case of 90º phase shift
Figure 9. Phase detector inputs and output in case of 135º phase shift
Amplitude detector
Signals from pins RFI1 and RFI2 are used as inputs to the self-mixing stage. The output of
this stage is a DC voltage proportional to the amplitude of signals on pins RFI1 and RFI2.
During execution of direct command Measure amplitude this output is multiplexed to the A/D
converter input.
4.2.9
External field detector
This block is used to detect the presence of an external device generating an RF field. It is
used in NFCIP-1 Active communication and Passive target modes. It is enabled by
en_fd_c<1:0> option bits. The external field detector supports two different detection
thresholds, namely Peer detection and Collision avoidance. The two thresholds can be
independently set by writing the External field detector activation threshold register. The
actual state of the detector output can be checked by reading the Auxiliary display register.
Input to this block is the signal from the RFI1 pin.
For both thresholds there is a possibility to separately set the activation and deactivation
levels.
MS42426V1
VSP_A
VSP_A
VSP_A
0
VSP_A/2
0
0
Input 1
Input 2
Output
MS42427V1
VSP_A
VSP_A
VSP_A
0
VSP_A/2
0
0
Input 1
Input 2
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com