| 전자부품 데이터시트 검색엔진 |
|
DSP56600FM/AD 데이터시트(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56600FM/AD 데이터시트(HTML) 39 Page - NXP Semiconductors |
|
39 / 76 page ![]() DSP56652 DSP56652 Signal Description Preliminary MOTOROLA DSP56652 Technical Data Sheet 1-33 SC0B Input or Output Input baseband codec serial clock 0Ñ This signalÕs function is determined by the SCLK mode. ¥ Synchronous modeÑserial I/O flag 0 ¥ Asynchronous modeÑreceive clock I/O This signal is equipped with a 100k W pull-down resistor. This is a GPIO signal when SC0B is not being used. SC1B Input or Output Input Baseband codec serial clock 1Ñ This signalÕs function is determined by the SCLK mode. ¥ Synchronous modeÑserial I/O flag 0 ¥ Asynchronous modeÑreceiver frame sync I/O This signal is equipped with a 100Kk W pull-down resistor. This is a GPIO signal when SC1B is not being used. SC2B Input or Output Input Baseband codec serial clock 2Ñ This signalÕs function is determined by the SCLK mode. ¥ Synchronous modeÑtransmitter and receiver frame sync I/O ¥ Asynchronous modeÑtransmitter frame sync I/O This signal is equipped with a 100k W pull-down resistor. This is a GPIO signal when SC2B is not being used. Table 1-19 Baseband Codec Port Signals (Continued) Signal Name Signal Type State during Reset Signal Description Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |