전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DA9210 데이터시트(PDF) 36 Page - Renesas Technology Corp

부품명 DA9210
상세설명  DA9210 Multi-Phase 12 A DC-DC Buck Converter
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9210 데이터시트(HTML) 36 Page - Renesas Technology Corp

Back Button DA9210 Datasheet HTML 32Page - Renesas Technology Corp DA9210 Datasheet HTML 33Page - Renesas Technology Corp DA9210 Datasheet HTML 34Page - Renesas Technology Corp DA9210 Datasheet HTML 35Page - Renesas Technology Corp DA9210 Datasheet HTML 36Page - Renesas Technology Corp DA9210 Datasheet HTML 37Page - Renesas Technology Corp DA9210 Datasheet HTML 38Page - Renesas Technology Corp DA9210 Datasheet HTML 39Page - Renesas Technology Corp DA9210 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 98 page
background image
DA9210
DA9210 Multi-Phase 12 A DC-DC Buck
Converter
Company Confidential
Datasheet
Revision 2.3
28-Feb-2022
CFR0011-120-00
36 of 96
© 2022 Renesas Electronics
Figure 29: Transient Load, Auto, 4-phases, 10 mA to 5 A in 10 A/µs, VDD = 3.7 V, VOUT = 1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com