전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DA9210 데이터시트(PDF) 11 Page - Renesas Technology Corp

부품명 DA9210
상세설명  DA9210 Multi-Phase 12 A DC-DC Buck Converter
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9210 데이터시트(HTML) 11 Page - Renesas Technology Corp

Back Button DA9210 Datasheet HTML 7Page - Renesas Technology Corp DA9210 Datasheet HTML 8Page - Renesas Technology Corp DA9210 Datasheet HTML 9Page - Renesas Technology Corp DA9210 Datasheet HTML 10Page - Renesas Technology Corp DA9210 Datasheet HTML 11Page - Renesas Technology Corp DA9210 Datasheet HTML 12Page - Renesas Technology Corp DA9210 Datasheet HTML 13Page - Renesas Technology Corp DA9210 Datasheet HTML 14Page - Renesas Technology Corp DA9210 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
DA9210
DA9210 Multi-Phase 12 A DC-DC Buck
Converter
Company Confidential
Datasheet
Revision 2.3
28-Feb-2022
CFR0011-120-00
11 of 96
© 2022 Renesas Electronics
Pin No.
Pin Name
Alternate
Function
Type
Description
C1
OC_PG
nIRQ
DO
Output for Over Current Alarm
and Power Good signal, IRQ
line towards the host
G13
VDD_IO
PS
I/O voltage rail
E1
VOUT_SENSE
AI
Output and sense node for the
buck
D2
VSS_SENSE
AI
Ground sense node for the buck
F2
VDDCORE
AO
Regulated supply for internal
circuitry 2.5 V (decouple with
220 nF)
F12
GPIO0
AI/DIO
General purpose I/O
D12
VERROR
GPIO1
AIO/DIO
Error amplifier voltage signal for
dual parallel mode, general
purpose I/O
E13
IPHASE
GPIO2
AIO/DIO
Current distribution signal for
dual parallel mode, general
purpose I/O
G1
BUCK_CLK
GPIO3
DIO
Buck clock input/output
(depending on slave/master
function in dual parallel mode),
general purpose I/O
B8
AC_OK
GPIO4
DIO
Input from safe charger out to
OC_PG signaling, general
purpose I/O, input of external 6
MHz clock
H8
nCS/SYNC
GPIO5
DIO
4-WIRE chip select, DVC
Interface input clock, general
purpose I/O
J7
SO/INPUT
GPIO6
DIO
4-WIRE data output, DVC
interface input data, general
purpose I/O
B6
SI
DATA
DIO
4-WIRE data input, 2-WIRE data
A7
SK
CLK
DI
4-WIRE/2-WIRE Clock
C7
TP
DIO
Test pin connect to VSS
E3, E11
NC
VSS
Electrically not connected
Connect to VSS
H6
VSYS
PS
Supply for IC and input for
voltage supervision
G7
VSS_QUIET
VSS
C3, C5, G3, G5,
C9, C11, G9, G11
VSS_NOISY
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com