전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DA9210 데이터시트(PDF) 21 Page - Renesas Technology Corp

부품명 DA9210
상세설명  DA9210 Multi-Phase 12 A DC-DC Buck Converter
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9210 데이터시트(HTML) 21 Page - Renesas Technology Corp

Back Button DA9210 Datasheet HTML 17Page - Renesas Technology Corp DA9210 Datasheet HTML 18Page - Renesas Technology Corp DA9210 Datasheet HTML 19Page - Renesas Technology Corp DA9210 Datasheet HTML 20Page - Renesas Technology Corp DA9210 Datasheet HTML 21Page - Renesas Technology Corp DA9210 Datasheet HTML 22Page - Renesas Technology Corp DA9210 Datasheet HTML 23Page - Renesas Technology Corp DA9210 Datasheet HTML 24Page - Renesas Technology Corp DA9210 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
DA9210
DA9210 Multi-Phase 12 A DC-DC Buck
Converter
Company Confidential
Datasheet
Revision 2.3
28-Feb-2022
CFR0011-120-00
21 of 96
© 2022 Renesas Electronics
Parameter
Description
Test conditions
Min
Typ
Max
Unit
tH_STA
Start condition hold time
160
ns
tW_CL
SCL low time
160
ns
tW_CH
SCL high time
60
ns
tR
2-wire SCL and SDA rise
time
(input requirement)
160
ns
tF
2-wire SCL and SDA fall
time
(input requirement)
160
ns
tSU_D
Data set-up time
10
ns
tH_D
Data hold-time
0
ns
tSU_STO
Start condition hold time
160
ns
Note 1
Minimum clock frequency is 10 kHz if 2WIRE_TO is enabled
8.3
4-WIRE Control Bus
Figure 4: 4-WIRE Bus Timing
NOTE
The above timing is valid for active low and high CS.
Table 11: 4-WIRE Interface Electrical Characteristics
Parameter
Description
Label in Plot
Min
Typ
Max
Unit
CLD
Bus line capacitive load
100
pF
tC
Cycle time
1
70
ns
tCSS
Enable lead time
2, from CS active to first
SK edge
20
ns
tSCS
Enable lag time
3, from last SK edge to
CS idle
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com