전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DA9210 데이터시트(PDF) 57 Page - Renesas Technology Corp

부품명 DA9210
상세설명  DA9210 Multi-Phase 12 A DC-DC Buck Converter
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9210 데이터시트(HTML) 57 Page - Renesas Technology Corp

Back Button DA9210 Datasheet HTML 53Page - Renesas Technology Corp DA9210 Datasheet HTML 54Page - Renesas Technology Corp DA9210 Datasheet HTML 55Page - Renesas Technology Corp DA9210 Datasheet HTML 56Page - Renesas Technology Corp DA9210 Datasheet HTML 57Page - Renesas Technology Corp DA9210 Datasheet HTML 58Page - Renesas Technology Corp DA9210 Datasheet HTML 59Page - Renesas Technology Corp DA9210 Datasheet HTML 60Page - Renesas Technology Corp DA9210 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 98 page
background image
DA9210
DA9210 Multi-Phase 12 A DC-DC Buck
Converter
Company Confidential
Datasheet
Revision 2.3
28-Feb-2022
CFR0011-120-00
57 of 96
© 2022 Renesas Electronics
10.5.2
2-WIRE Communication
With control IF_TYPE, the DA9210 power manager interface can be configured towards a 2-WIRE
serial data exchange. It has a configurable device write address (default: 0xD0) and a configurable
device read address (default: 0xD1). For details of configurable addresses, see control
IF_BASE_ADDR.
The SK pin provides the 2-WIRE clock (SCL), and SI carries all the power manager bidirectional 2-
WIRE data, (SDA). The 2-WIRE interface is open-drain supporting multiple devices on a single line.
The bus lines require external pull-
up resistors (2 kΩ to 20 kΩ range). The attached devices only
drive the bus lines LOW. As a result, two devices cannot conflict if they drive the bus simultaneously.
In standard/fast mode, the highest frequency of the bus is 400 kHz. The exact frequency can be
determined by the application and does not have any relation to the DA9210 internal clock signals.
DA9210 follows the host clock speed within the described limitations and does not initiate any clock
arbitration or slow down. An automatic reset of the interface can be triggered via control 2WIRE_TO
if the clock signal stops toggling for more than 35 ms (compatible with SMBus).
The interface supports operation compatible with Standard, Fast, Fast-Plus and High Speed modes
of the I2C bus specification Rev 4 (UM10204_4). Operation in high speed mode at 3.4 MHz requires
mode changing in order to change spike suppression and slope control characteristics to be
compatible with the I2C bus specification. The high speed mode can be enabled on a transfer by
transfer basis by sending the master code (0000 1XXX) at the beginning of the transfer. DA9210
does not make use of clock stretching and delivers read data up to 3.4 MHz, without additional delay.
Communication on the 2-WIRE bus always takes place between two devices, one acting as the
master and the other as the slave. The DA9210 only operates as a slave.
Unlike 4-WIRE mode, the 2-WIRE interface has direct access to two pages of the register map (up to
256 addresses). The register at address 0x00 on each page is used as a page control register (with
the 2-WIRE bus ignoring the LSB of control REG_PAGE). Writing to the page control register
changes the active page for all subsequent read/write operations, unless an automatic return to page
0 is selected by asserting control REVERT. After modifying the active page, unless REVERT is
asserted, it is recommended to read back the page control register to ensure that future data
exchange accesses the intended registers.
In 2-WIRE operation DA9210 offers an alternative way to access register page 2 and 3. It removes
the need for the preceding page selection writes by increasing the device write/read address by one
(default 0xD2/0xD3) for any direct access of page 2 and 3 (page 0 and 1 access requires the basic
write/read device address with the MSB of REG_PAGE
‘0’).
Details of the 2-WIRE Control Bus Protocol
The following description uses the standard terms SDA for the serial data, pin SI, and SCL for the
serial clock, pin SK.
All data is transmitted across the 2-WIRE bus in 8-bit groups. To send a bit, the SDA line is driven at
the intended state while the SCL is low. Once the SDA has settled, the SCL line is brought high and
then low. This pulse on SCL stores th
e SDA bit in the receiver’s shift register.
A 2-byte serial protocol is used: one address byte and one data byte. The data and address are
transmitted MSB first for both read and write operations. All transmissions begin with the START
condition from the master, during which the bus is in IDLE state (the bus is free). It is initiated by a
high-to-low transition on the SDA line while the SCL is in high state. A STOP condition is indicated by
a low-to-high transition on the SDA line while the SCL is in high state. The START and STOP
conditions are illustrated in Figure 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com