전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DA9210 데이터시트(PDF) 86 Page - Renesas Technology Corp

부품명 DA9210
상세설명  DA9210 Multi-Phase 12 A DC-DC Buck Converter
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9210 데이터시트(HTML) 86 Page - Renesas Technology Corp

Back Button DA9210 Datasheet HTML 82Page - Renesas Technology Corp DA9210 Datasheet HTML 83Page - Renesas Technology Corp DA9210 Datasheet HTML 84Page - Renesas Technology Corp DA9210 Datasheet HTML 85Page - Renesas Technology Corp DA9210 Datasheet HTML 86Page - Renesas Technology Corp DA9210 Datasheet HTML 87Page - Renesas Technology Corp DA9210 Datasheet HTML 88Page - Renesas Technology Corp DA9210 Datasheet HTML 89Page - Renesas Technology Corp DA9210 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 98 page
background image
DA9210
DA9210 Multi-Phase 12 A DC-DC Buck
Converter
Company Confidential
Datasheet
Revision 2.3
28-Feb-2022
CFR0011-120-00
86 of 96
© 2022 Renesas Electronics
Application
Value
Size
Temp.
Char.
Tol
Rated
Voltage
Type
1 µF
0402
X6S +/-
22%
+/-10%
10 V
Murata
GRM155C81A105KA12D
(automotive)
12.2 Inductor Selection
Inductors should be selected based upon the following parameters:
● Rated maximum current: Usually a coil provides two current limits: The Isat specifies the
maximum current at which the inductance drops by 30 % of the nominal value. The Imax is
defined by the maximum power dissipation and is applied to the effective current.
● DC resistance: Critical to converter efficiency and should therefore be minimized.
● Inductance: Given by converter electrical characteristics; 0.47 µH for all DA9210 phases.
Table 54: Recommended Inductor Types (including only typical values for the parts)
Application
Value
Size
Imax(dc)
Isat
Tolerance
DC
Res.
Type
BUCK
4x 0.47
µH
2.0x1.6x1.0
mm
3.3 A
3.5 A
+/-30%
48
mΩ
TOKO DFE201610C
1285AS-H-R47M
4x 0.47
µH
2.0x1.6x1.2
mm
3.8 A
4.2 A
+/-30%
40
mΩ
TOKO DFE201612C
1286AS-H-R47M
4x 0.47
µH
2.5x2.0x1.0
mm
3.6 A
3.9 A
+/-20%
35
mΩ
TOKO DFE252010C
1269AS-H-R47M
4x 0.47
µH
2.5x2.0x1.2
mm
4.4 A
4.7 A
+/-20%
29
mΩ
TOKO DFE252012C
1239AS-H-R47M
4x0.47
µH
2.0x1.6x1.0
mm
2.7 A
3.5 A
+/-20%
38
mΩ
TDK TFM201610A
R47M
4x0.47
µH
2.5x2.0x1.0
mm
2.8 A
4.5 A
+/-20%
34
mΩ
TDK TFM252010A
R47M
4x0.47
µH
2.0x1.6x1.0
mm
2.7 A
3.56
A
+/-20%
38
mΩ
Cyntec PIFE20161T
4x0.47
µH
2.5x2.0x1.0
mm
3.5 A
4.5 A
+/-20%
34
mΩ
Cyntec PIFE25201T
4x0.47
µH
2.5x2.0x1.2
mm
4.5 A
5.0 A
+/-20%
23
mΩ
Cyntec PIFE25201B
4x0.47
µH
2.5x2.0x1.2
mm
3.7 A
3.9 A
+/-20%
25
mΩ
Cyntec PST25201B
4x0.47
µH
2.0x2.0x1.2
mm
2.8 A
4.2 A
+/-30%
30
mΩ
Taiyo Yuden
MDMK2020T R47M
4x0.47
µH
2.5x2.0x1.2
mm
3.9 A
4.8 A
+/-20%
30
mΩ
Taiyo Yuden
MAMK2520T R47M
4x0.47
µH
2.0x1.6x1.0
mm
3.2 A
3.6 A
+/-20%
32
mΩ
Murata
LQM2MPNR47MGH
4x 0.47
µH
4x4x1.2 mm
8.7 A
6.7 A
+/-20%
14mΩ
Coilcraft XFL4012-
471ME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com