| 전자부품 데이터시트 검색엔진 |
|
S75WS256NDFBAWMB 데이터시트(PDF) 27 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB 데이터시트(HTML) 27 Page - SPANSION |
|
27 / 216 page ![]() February 17, 2005 S75WS-N-00_A0 S75WS256Nxx Based MCPs 25 Advance Information Starting address: whether the address is divisible by four (where A[1:0] is 00). A divisible- by-four address incurs the least number of additional wait states that occur after the initial word. The number of additional wait states required increases for burst operations in which the starting address is one, two, or three locations above the divisible-by-four address (i.e., where A[1:0] is 01, 10, or 11). Boundary crossing: There is a boundary at every 128 words due to the internal architecture of the device. One additional wait state must be inserted when crossing this boundary if the memory bus is operating at a high clock frequency. Please refer to the tables below. Clock frequency: the speed at which the device is expected to burst data. Higher speeds require additional wait states after the initial word for proper operation. In all cases, with or without latency, the RDY output indicates when the next data is available to be read. Tables 8.2 – 8.6 reflect wait states required for S29WS256/128/064N devices. Refer to the Con- figuration Register table (CR11 – CR14) and timing diagrams for more details. Table 8.2 Address Latency (S29WS256N) Word Wait States Cycle 0 x ws D0 D1 D2 D3 D4 D5 D6 D7 D8 1 x ws D1 D2 D3 1 ws D4 D5 D6 D7 D8 2 x ws D2 D3 1 ws 1 ws D4 D5 D6 D7 D8 3 x ws D3 1 ws 1 ws 1 ws D4 D5 D6 D7 D8 Table 8.3 Address Latency (S29WS128N/S29WS064N) Word Wait States Cycle 0 5, 6, 7 ws D0 D1 D2 D3 D4 D5 D6 D7 D8 1 5, 6, 7 ws D1 D2 D3 1 ws D4 D5 D6 D7 D8 2 5, 6, 7 ws D2 D3 1 ws 1 ws D4 D5 D6 D7 D8 3 5, 6, 7 ws D3 1 ws 1 ws 1 ws D4 D5 D6 D7 D8 Table 8.4 Address/Boundary Crossing Latency (S29WS256N @ 80/66 MHz) Word Wait States Cycle 0 7, 6 ws D0 D1 D2 D3 1 ws D4 D5 D6 D7 1 7, 6 ws D1 D2 D3 1 ws 1 ws D4 D5 D6 D7 2 7, 6 ws D2 D3 1 ws 1 ws 1 ws D4 D5 D6 D7 3 7, 6 ws D3 1 ws 1 ws 1 ws 1 ws D4 D5 D6 D7 |