전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S75WS256NDFBAWMB 데이터시트(PDF) 79 Page - SPANSION

부품명 S75WS256NDFBAWMB
상세설명  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB 데이터시트(HTML) 79 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 75Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 76Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 77Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 78Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 79Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 80Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 81Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 82Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 83Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 216 page
background image
February 17, 2005 S75WS-N-00_A0
S75WS256Nxx Based MCPs
77
Advance
Information
Notes:
1. PA = Program Address, PD = Program Data, VA = Valid Address for reading status bits.
2. In progress and complete refer to status of program operation.
3. A23–A14 for the WS256N (A22–A14 for the WS128N, A21–A14 for the WS064N) are don’t care during command
sequence unlock cycles.
4. Addresses are latched on the first rising edge of CLK.
5. Either CE# or AVD# is required to go from low to high in between programming command sequences.
6. The Synchronous programming operation is dependent of the Set Device Read Mode bit in the Configuration Register.
The Configuration Register must be set to the Synchronous Read Mode.
Figure 12.15 Synchronous Program Operation Timings
Note: Use setup and hold times from conventional program operation.
Figure 12.16 Accelerated Unlock Bypass Programming Timing
OE#
CE#
Data
Addresses
WE#
CLK
VCC
555h
PD
tWC
tWPH
tWP
PA
tVCS
tDH
tCH
In
Progress
tWHWH1
VA
Complete
VA
Program Command Sequence (last two cycles)
Read Status Data
tDS
tAVDP
A0h
tAS
tCAS
tAH
tAVCH
tCSW
tAVSC
AVD#
CE#
AVD#
WE#
Addresses
Data
OE#
ACC
Don't Care
Don't Care
A0h
Don't Care
PA
PD
VID
VIL or VIH
t
VID
t
VIDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More