| 전자부품 데이터시트 검색엔진 |
|
MC68340 데이터시트(PDF) 222 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68340 데이터시트(HTML) 222 Page - Freescale Semiconductor, Inc |
|
222 / 441 page ![]() MOTOROLA MC68340 USER’S MANUAL 5- 85 Command Sequence: LS ADDR "NOT READY" STACK RETURN PC MS ADDR "NOT READY" XXX "ILLEGAL" NEXT CMD "NOT READY" CALL ??? NORMAL MODE XXX BERR/AERR NEXT CMD "NOT READY" FREEZE NEGATED PREFETCH STARTED Operand Data: The 32-bit operand data is the starting location of the patch routine, which is the initial PC upon exiting BDM. Result Data: None As an example, consider the following code segment. It outputs a character from the MC68340 serial module channel A. CHKSTAT: MOVE.B SRA,D0 Move serial status to D0 BNE.B CHKSTAT Loop until condition true MOVE.B TBA,OUTPUT Transmit character MISSING: ANDI.B #3,D0 Check for TxEMP flag RTS BDM and the CALL command can be used to patch the code as follows: 1. Breakpoint user program at CHKSTAT 2. Enter BDM 3. Execute CALL command to MISSING 4. Exit BDM 5. Execute MISSING code 6. Return to user program 5.6.2.8.14 Reset Peripherals (RST). RST asserts RESET for 512 clock cycles. The CPU is not reset by this command. This command is synonymous with the CPU RESET instruction. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |