전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ARM720T 데이터시트(PDF) 33 Page - List of Unclassifed Manufacturers

부품명 ARM720T
상세설명  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T 데이터시트(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 29Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 30Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 31Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 32Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 33Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 34Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 35Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 36Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 242 page
background image
Introduction
ARM DDI 0192A
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
1-17
The Thumb instruction set summary is listed in Table 1-12.
Table 1-12 Thumb instruction summary
Operation
Assembler
Move
Immediate
MOV Rd, #8bit_Imm
High to Low
MOV Rd, Hs
Low to High
MOV Hd, Rs
High to High
MOV Hd, Hs
Arithmetic
Add
ADD Rd, Rs, #3bit_Imm
Add Low, and Low
ADD Rd, Rs, Rn
Add High to Low
ADD Rd, Hs
Add Low to High
ADD Hd, Rs
Add High to High
ADD Hd, Hs
Add Immediate
ADD Rd, #8bit_Imm
Add Value to SP
ADD SP, #7bit_Imm
ADD SP, #-7bit_Imm
Add with carry
ADC Rd, Rs
Subtract
SUB Rd, Rs, Rn
SUB Rd, Rs, #3bit_Imm
Subtract Immediate
SUB Rd, #8bit_Imm
Subtract with carry
SBC Rd, Rs
Negate
NEG Rd, Rs
Multiply
MUL Rd, Rs
Compare Low, and Low
CMP Rd, Rs
Compare Low, and High
CMP Rd, Hs
Compare High, and Low
CMP Hd, Rs
Compare High, and High
CMP Hd, Hs
Compare Negative
CMN Rd, Rs
Compare Immediate
CMP Rd, #8bit_Imm
Logical
AND
AND Rd, Rs
EOR
EOR Rd, Rs
OR
ORR Rd, Rs
Bit clear
BIC Rd, Rs
Move NOT
MVN Rd, Rs
Test bits
TST Rd, Rs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More