전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ARM720T 데이터시트(PDF) 82 Page - List of Unclassifed Manufacturers

부품명 ARM720T
상세설명  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T 데이터시트(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 78Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 79Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 80Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 81Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 82Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 83Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 84Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 85Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 242 page
background image
Write Buffer
5-4
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
ARM DDI 0192A
5.2.3
Read-lock-write
The write phase of a read-lock-write sequence is treated as an unbuffered write, even if
it is marked as buffered.
Note
A single write requires one address slot and one data slot in the write buffer. A
sequential write of n words requires one address slot and n data slots. The total of eight
data slots in the buffer can be used as required. For example, there can be three
nonsequential writes and one sequential write of five words in the buffer, and the
processor could continue as normal, A fifth write or a sixth word in the fourth write
stalls the processor until the first write has completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More