전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD61P24CS 데이터시트(PDF) 11 Page - Renesas Technology Corp

부품명 UPD61P24CS
상세설명  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD61P24CS 데이터시트(HTML) 11 Page - Renesas Technology Corp

Back Button UPD61P24CS Datasheet HTML 7Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 8Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 9Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 10Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 11Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 12Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 13Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 14Page - Renesas Technology Corp UPD61P24CS Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
µPD61P24
9
11. PIN FUNCTIONS
11.1
KI/O Pin (P0)
This is the 8-bit I/O pin for key-scan output. When the control register (P1) is set for the input port, the port can
be used as an 8-bit input pin. When the port is set for the input mode, all of these pins are pulled down to the VSS
level inside the LSI.
At reset (all cleared), the value of I/O mode and output latch becomes undefined.
Figure 11-1. KI/O Pin Organization
KI/O7
KI/O6
KI/O5
KI/O4
KI/O3
KI/O2
KI/O1
KI/O0
P0
P10
P00
(P )
Control register
1
11.2
KI/O Pull-Down Resistor Configuration
V DD
V SS
CMOS
N-ch
Pin
Pull-down resistor
Input signal
Output signal
Input/output selection
N-ch
P-ch
R
When KI/O is set to the input mode, pull-down resistor R is turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38