| 전자부품 데이터시트 검색엔진 |
|
UPD61P24CS 데이터시트(PDF) 26 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD61P24CS 데이터시트(HTML) 26 Page - Renesas Technology Corp |
|
26 / 38 page ![]() µPD61P24 24 20. ELECTRICAL SPECIFICATIONS Absolute Maximum Ratings (TA =25 °C) Parameter Symbol Ratings Unit Supply Voltage VDD 7.0 V Input Voltage VIN –0.3 to VDD + 0.3 V Operating Ambient Temperature TA –20 to +75 °C Storage Temperature Tstg –40 to +125 °C Caution Even if one of the parameters exceeds its absolute maximum rating even momentarily, the quality of the product may be degraded. The absolute maximum rating therefore specifies the upper or lower limit of the value at which the product can be used without physical damages. Be sure to use the product(s) within the ratings. Recommended Operating Range (TA =25 °C) Parameter Symbol MIN. TYP. MAX. Unit Supply Voltage VDD 2.2 5.5 V Oscillation Frequency fOSC 400 500 kHz |