전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPM3834C 데이터시트(PDF) 4 Page - MPS Industries, Inc.

부품명 MPM3834C
상세설명  2.75V to 6V, 3A, Ultra-Small Power Module with Ultra-Low Noise
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPSIND [MPS Industries, Inc.]
홈페이지  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPM3834C 데이터시트(HTML) 4 Page - MPS Industries, Inc.

  MPM3834C Datasheet HTML 1Page - MPS Industries, Inc. MPM3834C Datasheet HTML 2Page - MPS Industries, Inc. MPM3834C Datasheet HTML 3Page - MPS Industries, Inc. MPM3834C Datasheet HTML 4Page - MPS Industries, Inc. MPM3834C Datasheet HTML 5Page - MPS Industries, Inc. MPM3834C Datasheet HTML 6Page - MPS Industries, Inc. MPM3834C Datasheet HTML 7Page - MPS Industries, Inc. MPM3834C Datasheet HTML 8Page - MPS Industries, Inc. MPM3834C Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MPM3834C – 6V, 3A, ULTRA-SMALL STEP-DOWN POWER MODULE
MPM3834C Rev. 1.01
MonolithicPower.com
4
6/14/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, TJ = -40°C to +125°C (8), typical value is tested at TJ = 25°C, the over-temperature limit
is guaranteed by characterization, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Feedback voltage
VFB
2.75
V ≤ VIN ≤ 6V
591
600
609
mV
Feedback current
IFB
VFB = 0.6V
10
nA
Inductor value
L
Inductance value at 1MHz
0.47
μH
Dropout resistance
RDR
100% on duty
75
mΩ
Switch leakage
VEN = 0V, VIN = 6V, VSW = 0V and
6V, TJ = 25°C
0
2
μA
P-channel MOSFET peak
current limit
TJ = 25°C
5
6
A
N-channel MOSFET valley
current limit (8)
3.6
A
On time
tON
VIN = 5V, VOUT = 1.2V
185
ns
VIN = 3.6V, VOUT = 1.2V
250
Switching frequency
fSW
VOUT = 1.2V, ILOAD = 1A
1250
kHz
Minimum off time (9)
tMIN-OFF
100
ns
Minimum on time (9)
tMIN-ON
80
ns
Soft-start time (9)
tSS-ON
1.7
ms
Soft-stop time
tSS-OFF
2
ms
Power good upper trip
threshold
PG_OV
FB voltage in respect to the
regulation
7
%
Power good lower trip
threshold
PG_UV
-12
%
Power good delay
100
μs
Power good sink current
capability
VPG_LO
Sink 1mA
0.4
V
Power good logic high
voltage
VPG_HI
VIN = 5V, VFB = 0.6V
4
V
Power good internal pull-up
resistor
RPG
440
Under-voltage lockout
threshold rising
2.3
2.5
2.75
V
Under-voltage lockout
threshold hysteresis
400
mV
EN input logic low voltage
0.3
V
EN input logic high voltage
1.2
V
EN input current
VEN = 2V
2
μA
VEN = 0V
0
μA
Supply current (shutdown)
VEN = 0V, TJ = 25°C
0
1
μA
Supply current (quiescent)
VEN = 2V, VFB = 0.63V, VIN = 3.6V
500
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com