전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPM3834C 데이터시트(PDF) 18 Page - MPS Industries, Inc.

부품명 MPM3834C
상세설명  2.75V to 6V, 3A, Ultra-Small Power Module with Ultra-Low Noise
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPSIND [MPS Industries, Inc.]
홈페이지  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPM3834C 데이터시트(HTML) 18 Page - MPS Industries, Inc.

Back Button MPM3834C Datasheet HTML 12Page - MPS Industries, Inc. MPM3834C Datasheet HTML 13Page - MPS Industries, Inc. MPM3834C Datasheet HTML 14Page - MPS Industries, Inc. MPM3834C Datasheet HTML 15Page - MPS Industries, Inc. MPM3834C Datasheet HTML 16Page - MPS Industries, Inc. MPM3834C Datasheet HTML 17Page - MPS Industries, Inc. MPM3834C Datasheet HTML 18Page - MPS Industries, Inc. MPM3834C Datasheet HTML 19Page - MPS Industries, Inc. MPM3834C Datasheet HTML 20Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MPM3834C – 6V, 3A, ULTRA-SMALL STEP-DOWN POWER MODULE
MPM3834C Rev. 1.01
MonolithicPower.com
18
6/14/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PACKAGE INFORMATION
ECLGA-14 (2.5mmx2.5mm)
BOTTOM VIEW
TOP VIEW
SIDE VIEW
PIN 1 ID
MARKING
PIN 1 ID
INDEX AREA
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) LEAD COPLANARITY SHALL BE 0.10
MILLIMETERS MAX.
3) JEDEC REFERENCE IS MO-303.
4) DRAWING IS NOT TO SCALE.
RECOMMENDED LAND PATTERN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com