전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPM3834C 데이터시트(PDF) 16 Page - MPS Industries, Inc.

부품명 MPM3834C
상세설명  2.75V to 6V, 3A, Ultra-Small Power Module with Ultra-Low Noise
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPSIND [MPS Industries, Inc.]
홈페이지  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPM3834C 데이터시트(HTML) 16 Page - MPS Industries, Inc.

Back Button MPM3834C Datasheet HTML 12Page - MPS Industries, Inc. MPM3834C Datasheet HTML 13Page - MPS Industries, Inc. MPM3834C Datasheet HTML 14Page - MPS Industries, Inc. MPM3834C Datasheet HTML 15Page - MPS Industries, Inc. MPM3834C Datasheet HTML 16Page - MPS Industries, Inc. MPM3834C Datasheet HTML 17Page - MPS Industries, Inc. MPM3834C Datasheet HTML 18Page - MPS Industries, Inc. MPM3834C Datasheet HTML 19Page - MPS Industries, Inc. MPM3834C Datasheet HTML 20Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MPM3834C – 6V, 3A, ULTRA-SMALL STEP-DOWN POWER MODULE
MPM3834C Rev. 1.01
MonolithicPower.com
16
6/14/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PCB Layout Guidelines
An efficient layout for the switching power
supplies
is
critical
for
stable
operation,
especially for the high switching frequency
converter. A poorly optimized layout can result
in poor line for the regulator or load regulation
or stability issues. For the best results, refer to
Figure 3 and follow the guidelines below:
1. Place a 0805-sized ceramic input capacitor
as close to the IC pins as possible.
2. Place a 0402-sized capacitor place at the
bottom of the IC (optional).
3. Connect the two ends of the ceramic
capacitor directly to IN and PGND.
4. Place the external feedback resistor next to
FB.
5. Connect AGND and PGND at a single point.
IN
IN
IN
PG
OUT
OUT
PGND
PGND
OUT_S
FB
AGND
EN
PGND
SW
GND
C1
C2
R2
R1
VIN
GND
OUT
Bottom Layer
Top Layer
Via
GND
Figure 3: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com