전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPM3834C 데이터시트(PDF) 6 Page - MPS Industries, Inc.

부품명 MPM3834C
상세설명  2.75V to 6V, 3A, Ultra-Small Power Module with Ultra-Low Noise
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPSIND [MPS Industries, Inc.]
홈페이지  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPM3834C 데이터시트(HTML) 6 Page - MPS Industries, Inc.

Back Button MPM3834C Datasheet HTML 2Page - MPS Industries, Inc. MPM3834C Datasheet HTML 3Page - MPS Industries, Inc. MPM3834C Datasheet HTML 4Page - MPS Industries, Inc. MPM3834C Datasheet HTML 5Page - MPS Industries, Inc. MPM3834C Datasheet HTML 6Page - MPS Industries, Inc. MPM3834C Datasheet HTML 7Page - MPS Industries, Inc. MPM3834C Datasheet HTML 8Page - MPS Industries, Inc. MPM3834C Datasheet HTML 9Page - MPS Industries, Inc. MPM3834C Datasheet HTML 10Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MPM3834C – 6V, 3A, ULTRA-SMALL STEP-DOWN POWER MODULE
MPM3834C Rev. 1.01
MonolithicPower.com
6
6/14/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
Performance curves are tested on the evaluation board. VIN = 5V, VOUT = 1.2V, CIN = 22µF,
COUT = 22µF, TA = 25°C, unless otherwise noted.
60
65
70
75
80
85
90
95
0.0
1.0
2.0
3.0
LOAD CURRENT (A)
Efficiency vs. Load Current
V
OUT = 1.2V
VIN=5V
VIN=4.2V
VIN=3.3V
60
65
70
75
80
85
90
95
0.0
1.0
2.0
3.0
LOAD CURRENT (A)
Efficiency vs. Load Current
V
OUT = 1.8V
VIN=5V
VIN=4.2V
VIN=3.3V
60
65
70
75
80
85
90
95
100
0.0
1.0
2.0
3.0
LOAD CURRENT (A)
Efficiency vs. Load Current
V
OUT = 2.5V
VIN=5V
VIN=4.2V
VIN=3.3V
60
65
70
75
80
85
90
95
100
0.0
1.0
2.0
3.0
LOAD CURRENT (A)
Efficiency vs. Load Current
V
OUT=3.3V
VIN=5V
VIN=4.2V
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.0
1.0
2.0
3.0
LOAD CURRENT (A)
Load Regulation
V
OUT = 1.2V
VIN=5V
VIN=4.2V
VIN=3.3V
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.0
1.0
2.0
3.0
LOAD CURRENT (A)
Load Regulation
V
OUT = 1.8V
VIN=5V
VIN=4.2V
VIN=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com