전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPM3834C 데이터시트(PDF) 3 Page - MPS Industries, Inc.

부품명 MPM3834C
상세설명  2.75V to 6V, 3A, Ultra-Small Power Module with Ultra-Low Noise
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPSIND [MPS Industries, Inc.]
홈페이지  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPM3834C 데이터시트(HTML) 3 Page - MPS Industries, Inc.

  MPM3834C Datasheet HTML 1Page - MPS Industries, Inc. MPM3834C Datasheet HTML 2Page - MPS Industries, Inc. MPM3834C Datasheet HTML 3Page - MPS Industries, Inc. MPM3834C Datasheet HTML 4Page - MPS Industries, Inc. MPM3834C Datasheet HTML 5Page - MPS Industries, Inc. MPM3834C Datasheet HTML 6Page - MPS Industries, Inc. MPM3834C Datasheet HTML 7Page - MPS Industries, Inc. MPM3834C Datasheet HTML 8Page - MPS Industries, Inc. MPM3834C Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MPM3834C – 6V, 3A, ULTRA-SMALL STEP-DOWN POWER MODULE
MPM3834C Rev. 1.01
MonolithicPower.com
3
6/14/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
SW
SW test pin. Float the SW pin.
2, 7, 8
PGND
Power ground.
3
EN
On/off control.
4
AGND
Analog ground for the internal control circuit. The AGND pin is not connected to PGND
internally. Connect AGND to the PGND on the PCB layout.
5
FB
Feedback. Use an external resistor divider from the output to AGND, tapped to the FB pin,
to set the output voltage (VOUT).
6
OUT_S Output voltage sense.
9, 10
OUT
Power output.
11
PG
Power good indicator. The output of the PG pin is an open drain with an internal pull-up
resistor connected to the IN pin. PG is pulled up to IN when the FB voltage is within 10% of
the regulation level; otherwise, PG is low.
12, 13,
14
IN
Power input.
ABSOLUTE MAXIMUM RATINGS (1)
VSW......................................................................
-0.3V (-5V for <10ns) to +6.5V (+10V for <10ns)
All other pins ................................-0.3V to +6.5V
Continuous power dissipation (TA = 25°C) (5)
ECLGA-14 (2.5mmx2.5mm) ...................... 2.2W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +150°C
ESD Ratings
Human body model (HBM) ...................... 2000V
Charged device model (CDM) ................. 2000V
Recommended Operating Conditions (2)
Operation input voltage range ......... 2.75V to 6V
Operating junction temp (TJ). ... -40°C to +125°C
Thermal Resistance (3) (4) (5) (6) (7)
ECLGA-14 (2.5mmx2.5mm)
θJA ...................................................... 56.7°C/W
θJC_TOP ................................................ 6.85°C/W
θJB ...................................................... 25.5°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3)
θ
JA is the junction-to-ambient thermal resistance, θJC_TOP is the
junction-to-case top thermal characterization parameter, and
θ
JB
is
the
junction-to-board
thermal
characterization
parameter.
4) The thermal parameter is based on the test on the MPS
evaluation board (T-EVM3834C-PA-00A) under a no airflow
cooling condition in a standard enclosure. The board size is
5.1cmx5.1cm, 2 layers, of which top and bottom layer copper
thickness is 2oz.
5) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient
thermal
resistance,
θ
JA,
and
the
ambient
temperature, TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX) - TA) / θJA. Exceeding the maximum
allowable power dissipation produces an excessive die
temperature.
6) The junction-to-case top thermal characterization parameter,
θ
JC_TOP, estimates the junction temperature in the real system,
based on equation TI = θJC_TOP x PLOSS + TCASE_TOP. Where
PLOSS is the entire loss of the module in real applications, and
TCASE_TOP is case top temperature
7) The junction-to-board thermal characterization parameter,
θ
JB,
estimation the junction temperature in the real system, based
on equation TI = θJB x PLOSS +TBOARD. Where PLOSS is the entire
power loss of the module in real applications, and TBOARD is
board temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com