전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PSD835G2 데이터시트(PDF) 67 Page - STMicroelectronics

부품명 PSD835G2
상세설명  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2 데이터시트(HTML) 67 Page - STMicroelectronics

Back Button PSD835G2 Datasheet HTML 63Page - STMicroelectronics PSD835G2 Datasheet HTML 64Page - STMicroelectronics PSD835G2 Datasheet HTML 65Page - STMicroelectronics PSD835G2 Datasheet HTML 66Page - STMicroelectronics PSD835G2 Datasheet HTML 67Page - STMicroelectronics PSD835G2 Datasheet HTML 68Page - STMicroelectronics PSD835G2 Datasheet HTML 69Page - STMicroelectronics PSD835G2 Datasheet HTML 70Page - STMicroelectronics PSD835G2 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 102 page
background image
67/102
PSD835G2
Port D – Functionality and Structure
Port D has four I/O pins. It can be configured to
program one or more of the following functions
(see Figure 29):
–
MCU I/O Mode
–
CPLD Input – direct input to CPLD, no Input
Macrocell (IMC).
Port D pins can be configured in PSDsoft as input
pins for other dedicated functions:
–
PD0 – ALE, as Address Strobe input.
–
PD1 – CLKIN, as Clock input to the Macrocell
flip-flops and APD counter.
–
PD2 – CSI, as active Low Chip Select input. A
High input will disable the Flash/SRAM
memories and the CSIOP.
–
PD3 – as DBE input from 68HC912.
Figure 29. Port D Structure
DATA OUT
REG.
DQ
DQ
WR
WR
READ MUX
P
D
B
CPLD - INPUT
DIR REG.
DATA IN
OUTPUT
SELECT
OUTPUT
MUX
PORT D PIN
DATA OUT
AI02888C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More