| 전자부품 데이터시트 검색엔진 |
|
AT83SND1CXXX-ROTIL 데이터시트(PDF) 125 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83SND1CXXX-ROTIL 데이터시트(HTML) 125 Page - ATMEL Corporation |
|
125 / 212 page ![]() 125 4109J–8051–10/06 AT8xC51SND1C 15.8.0.2 Table 104. MMCON2 Register MMCON2 (S:E6h) – MMC Control Register 2 Reset Value = 0000 0000b 15.8.0.3 Table 105. MMSTA Register MMSTA (S:DEh Read Only) – MMC Control and Status Register 7654 3210 MMCEN DCR CCR - - DATD1 DATD0 FLOWC Bit Number Bit Mnemonic Description 7MMCEN MMC Clock Enable Bit Set to enable the MCLK clocks and activate the MMC controller. Clear to disable the MMC clocks and freeze the MMC controller. 6DCR Data Controller Reset Bit Set and clear to reset the data line controller in case of transfer abort. 5CCR Command Controller Reset Bit Set and clear to reset the command line controller in case of transfer abort. 4-3 - Reserved The value read from these bits is always 0. Do not set these bits. 2-1 DATD1:0 Data Transmission Delay Bits Used to delay the data transmission after a response from 3 MMC clock periods (all bits cleared) to 9 MMC clock periods (all bits set) by step of 2 MMC clock periods. 0FLOWC MMC Flow Control Bit Set to enable the flow control during data transfers. Clear to disable the flow control during data transfers. 7654 3210 - - CBUSY CRC16S DATFS CRC7S RESPFS CFLCK Bit Number Bit Mnemonic Description 7 - 6 - Reserved The value read from these bits is always 0. Do not set these bits. 5CBUSY Card Busy Flag Set by hardware when the card sends a busy state on the data line. Cleared by hardware when the card no more sends a busy state on the data line. |