| 전자부품 데이터시트 검색엔진 |
|
AT89C51CC02UA-RATUM 데이터시트(PDF) 70 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC02UA-RATUM 데이터시트(HTML) 70 Page - ATMEL Corporation |
|
70 / 156 page ![]() 70 AT/T89C51CC02 4126J–CAN–05/06 Watchdog Programming The three lower bits (S0, S1, S2) located into WDTPRG register permit to program the WDT duration. Table 50. Machine Cycle Count To compute WD Timeout, the following formula is applied: Note: Svalue represents the decimal value of (S2 S1 S0) Find Hereafter computed Timeout values for f OSCXTAL = 12 MHz in X1 mode Table 51. Timeout Computation S2 S1 S0 Machine Cycle Count 000 2 14 - 1 001 215 - 1 010 216 - 1 011 217 - 1 100 218 - 1 101 2 19 - 1 110 2 20 - 1 111 221 - 1 S2 S1 S0 fOSC=12 MHz fOSC=16MHz fOSC=20 MHz 0 0 0 16.38 ms 12.28 ms 9.82 ms 0 0 1 32.77 ms 24.57 ms 19.66 ms 0 1 0 65.54 ms 49.14 ms 39.32 ms 0 1 1 131.07 ms 98.28 ms 78.64 ms 1 0 0 262.14 ms 196.56 ms 157.28 ms 1 0 1 524.29 ms 393.12 ms 314.56 ms 1 1 0 1.05 s 786.24 ms 629.12 ms 1 1 1 2.10 s 1.57 s 1.25 s FTime Out Fosc 62 × WDX2 X2 ∧ 2 14 2 Svalue × () ----------------------------------------------------------------------------- = – |