전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT89C51CC02UA-RATUM 데이터시트(PDF) 37 Page - ATMEL Corporation

부품명 AT89C51CC02UA-RATUM
상세설명  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02UA-RATUM 데이터시트(HTML) 37 Page - ATMEL Corporation

Back Button AT89C51CC02UA-RATUM Datasheet HTML 33Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 34Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 35Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 36Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 37Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 38Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 39Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 40Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 156 page
background image
37
AT/T89C51CC02
4126J–CAN–05/06
Status of the Flash Memory
The bit FBUSY in FCON register is used to indicate the status of programming.
FBUSY is set when programming is in progress.
Selecting FM1
The bit ENBOOT in AUXR1 register is used to map FM1 from F800h to FFFFh.
Loading the Column Latches
Any number of data from 1 byte to 128 Bytes can be loaded in the column latches. This
provides the capability to program the whole memory by byte, by page or by any number
of Bytes in a page.
When programming is launched, an automatic erase of the locations loaded in the col-
umn latches is first performed, then programming is effectively done. Thus no page or
block erase is needed and only the loaded data are programmed in the corresponding
page.
The following procedure is used to load the column latches and is summarized in
Figure 14:
•
Save then disable interrupt and map the column latch space by setting FPS bit.
•
Load the DPTR with the address to load.
•
Load Accumulator register with the data to load.
•
Execute the MOVX @DPTR, A instruction.
•
If needed loop the three last instructions until the page is completely loaded.
•
unmap the column latch and Restore Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More