전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT89C51CC02UA-RATUM 데이터시트(PDF) 38 Page - ATMEL Corporation

부품명 AT89C51CC02UA-RATUM
상세설명  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02UA-RATUM 데이터시트(HTML) 38 Page - ATMEL Corporation

Back Button AT89C51CC02UA-RATUM Datasheet HTML 34Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 35Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 36Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 37Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 38Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 39Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 40Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 41Page - ATMEL Corporation AT89C51CC02UA-RATUM Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 156 page
background image
38
AT/T89C51CC02
4126J–CAN–05/06
Figure 14. Column Latches Loading Procedure
(1)
Note:
1. The last page address used when loading the column latch is the one used to select
the page programming address.
Programming the Flash Spaces
User
The following procedure is used to program the User space and is summarized in
Figure 15:
•
Load up to one page of data in the column latches from address 0000h to 3FFFh.
•
Save then disable the interrupts.
•
Launch the programming by writing the data sequence 50h followed by A0h in
FCON register.This step must be executed from FM1.
The end of the programming indicated by the FBUSY flag cleared.
•
Restore the interrupts.
Extra Row
The following procedure is used to program the Extra Row space and is summarized in
Figure 15:
•
Load data in the column latches from address FF80h to FFFFh.
•
Save then disable the interrupts.
•
Launch the programming by writing the data sequence 52h followed by A2h in
FCON register. This step of the procedure must be executed from FM1.
The end of the programming indicated by the FBUSY flag cleared.
•
Restore the interrupts.
Column Latches
Loading
Data Load
DPTR = Address
ACC = Data
Exec: MOVX @DPTR, A
Last Byte
to load?
Column Latches Mapping
FCON = 08h (FPS = 1)
Data Memory Mapping
FCON = 00h (FPS = 0)
Save & Disable IT
EA = 0
Restore IT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More