| 전자부품 데이터시트 검색엔진 |
|
AT89C51CC02UA-RATUM 데이터시트(PDF) 49 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC02UA-RATUM 데이터시트(HTML) 49 Page - ATMEL Corporation |
|
49 / 156 page ![]() 49 AT/T89C51CC02 4126J–CAN–05/06 XROW Bytes The EXTRA ROW (XROW) includes 128 bytes. Some of these bytes are used for spe- cific purpose in conjonction with the bootloader. Table 31. XROW Mapping Hardware Conditions It is possible to force the controller to execute the bootloader after a Reset with hard- ware conditions. During the first programming, the user can define a configuration on Port1 that will be recognized by the chip as the hardware conditions during a Reset. If this condition is met, the chip will start executing the bootloader at the end of the Reset. See a detailed description in the applicable Document. – Datasheet Bootloader CAN T89C51CC02. – Datasheet Bootloader UART T89C51CC02. Description Default Value Address Copy of the Manufacturer Code 58h 30h Copy of the Device ID#1: Family code D7h 31h Copy of the Device ID#2: Memories size and type BBh 60h Copy of the Device ID#3: Name and Revision FFh 61h |