| 전자부품 데이터시트 검색엔진 |
|
AT89C51CC02UA-RATUM 데이터시트(PDF) 72 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC02UA-RATUM 데이터시트(HTML) 72 Page - ATMEL Corporation |
|
72 / 156 page ![]() 72 AT/T89C51CC02 4126J–CAN–05/06 Table 53. WDTRST Register WDTRST (S:A6h Write Only) – Watchdog Timer Enable register Reset Value = 1111 1111b Note: The WDRST register is used to reset/enable the WDT by writing 1EH then E1H in sequence without instruction between these two sequences. 76 54 32 1 0 -- --- -- - Bit Number Bit Mnemonic Description 7 - Watchdog Control Value |