전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IMX7SCEC 데이터시트(PDF) 33 Page - NXP Semiconductors

부품명 IMX7SCEC
상세설명  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC 데이터시트(HTML) 33 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 29Page - NXP Semiconductors IMX7SCEC Datasheet HTML 30Page - NXP Semiconductors IMX7SCEC Datasheet HTML 31Page - NXP Semiconductors IMX7SCEC Datasheet HTML 32Page - NXP Semiconductors IMX7SCEC Datasheet HTML 33Page - NXP Semiconductors IMX7SCEC Datasheet HTML 34Page - NXP Semiconductors IMX7SCEC Datasheet HTML 35Page - NXP Semiconductors IMX7SCEC Datasheet HTML 36Page - NXP Semiconductors IMX7SCEC Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
33
Figure 4. i.MX 7Solo power-up sequence
4.1.9
Power-down sequence
The i.MX7 processors have the following power-down sequence requirements:
• VDD_SNVS _IN to be turned off last after any other power supply.
• NVCC_DRAM/NVCC_DRAM_CKE to be turned off before VDD_SOC.
• There are no special timing requirements forVDD_USB_OTG1_3P3_IN
andVDD_USB_OTG2_3P3_IN.
The power-down sequence is shown in Figure 5 with the following timing parameters:
T4
Time from first power rails (except SNVS) to ramp down to all the power rails (except
SNVS) get to ground, minimal delay is 0ms, no max delay requirement.
T5
Time from all the power rails power down (except SNVS) to SVNS power down,
minimal delay is 0ms, no max delay requirement.
T7
Time from NVCC_DRAM/NVCC_DRAM_CKE power down to VDD_SOC power
down, minimal delay is 0ms, no max delay requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com