전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IMX7SCEC 데이터시트(PDF) 93 Page - NXP Semiconductors

부품명 IMX7SCEC
상세설명  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC 데이터시트(HTML) 93 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 89Page - NXP Semiconductors IMX7SCEC Datasheet HTML 90Page - NXP Semiconductors IMX7SCEC Datasheet HTML 91Page - NXP Semiconductors IMX7SCEC Datasheet HTML 92Page - NXP Semiconductors IMX7SCEC Datasheet HTML 93Page - NXP Semiconductors IMX7SCEC Datasheet HTML 94Page - NXP Semiconductors IMX7SCEC Datasheet HTML 95Page - NXP Semiconductors IMX7SCEC Datasheet HTML 96Page - NXP Semiconductors IMX7SCEC Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
93
The following subsections describe the CSI timing in gated and ungated clock modes.
4.10.8 MIPI PHY timing parameters
4.10.8.1 This section describes MIPI PHY electrical specifications.Electrical and Timing
Information
Table 69. Electrical and Timing Information
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
Input DC Specifications - Apply to DSI_CLK_P/DSI_CLK_N and DSI_DATA_P/DSI_DATA_N inputs
VI
Input signal voltage range
Transient voltage range is
limited from -300 mV to
1600 mV
-50
—
1350
mV
VLEAK
Input leakage current
VGNDSH(min) = VI =
VGNDSH(max) +
VOH(absmax)
Lane module in LP Receive
Mode
-10
—
10
mA
VGNDSH
Ground Shift
—
-50
—
50
mV
VOH(absmax)
Maximum transient output
voltage level
—
—
—
1.45
V
tvoh(absmax)
Maximum transient time
above VOH(absmax)
—
—
—
20
ns
HS Line Drivers DC Specifications
|VOD|
HS Transmit Differential
output voltage magnitude
80 = RL< = 125 
140
200
270
mV
|VOD|
Change in Differential output
voltage magnitude between
logic states
80 = RL< = 125 
—
—
10
mV
VCMTX
Steady-state common-mode
output voltage.
80 = RL< = 125 
150
200
250
mV
VCMTX(1,0)
Changes in steady-state
common-mode output voltage
between logic states
80 = RL< = 125 
—
—
5
mV
VOHHS
HS output high voltage
80 = RL< = 125 
—
—
360
mV
ZOS
Single-ended output
impedance.
—
40
50
62.5
ZOS
Single-ended output
impedance mismatch.
—
—
—
10
%
LP Line Drivers DC Specifications
VOL
Output low-level SE voltage
—
-50
50
mV
VOH
Output high-level SE voltage
—
1.1
1.2
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com