전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IMX7SCEC 데이터시트(PDF) 65 Page - NXP Semiconductors

부품명 IMX7SCEC
상세설명  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC 데이터시트(HTML) 65 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 61Page - NXP Semiconductors IMX7SCEC Datasheet HTML 62Page - NXP Semiconductors IMX7SCEC Datasheet HTML 63Page - NXP Semiconductors IMX7SCEC Datasheet HTML 64Page - NXP Semiconductors IMX7SCEC Datasheet HTML 65Page - NXP Semiconductors IMX7SCEC Datasheet HTML 66Page - NXP Semiconductors IMX7SCEC Datasheet HTML 67Page - NXP Semiconductors IMX7SCEC Datasheet HTML 68Page - NXP Semiconductors IMX7SCEC Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
65
4.8.4.3
LPDDR2 parameters
Figure 30 shows the LPDDR2 basic timing diagram. The timing parameters for this diagram appear in
Table 46.
Figure 30. LPDDR2 command and address timing diagram
Table 46. LPDDR2 timing parameters1,2
1 All measurements are in reference to Vref level.
2 Measurements were done using balanced load and 25  resistor from outputs to DDR_VREF
ID
Parameter
Symbol
CK = 533 MHz
Unit
Min
Max
LP1
SDRAM clock high-level width
tCH
0.45
0.55
tCK
LP2
SDRAM clock low-level width
tCL
0.45
0.55
tCK
LP3
DRAM_CSx_B, DRAM_SDCKEx setup time
tIS
370
—
ps
LP4
DRAM_CSx_B, DRAM_SDCKEx hold time
tIH
370
—
ps
LP3
DRAM_CAS_B setup time
tIS
770
—
ps
LP4
DRAM_CAS_B hold time
tIH
770
—
ps
DRAM_SDCLKx_P
DRAM_CSx_B
DRAM_SDCKEx
DRAM_CAS_B
LP4
LP4
LP3
LP4
LP3
LP2
LP3
LP3
LP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com