전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S12MSCANV2/D 데이터시트(PDF) 58 Page - Freescale Semiconductor, Inc

부품명 S12MSCANV2/D
상세설명  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12MSCANV2/D 데이터시트(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button S12MSCANV2/D Datasheet HTML 54Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 55Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 56Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 57Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 58Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 59Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 60Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 61Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
2.2 Signal Properties Summary
Table 2-1 summarizes all pin functions.
NOTE:
Bold entries determine pins not available on 112-pin LQFP.
Table 2-1 Signal Properties
Pin Name
Function 1
Pin Name
Function 2
Pin Name
Function 3
Pin Name
Function 4
Powered
by
Internal Pull
Resistor
Description
CTRL
Reset
State
EXTAL
—
—
—
VDDPLL
None
None
Oscillator Pins
XTAL
—
—
—
VDDPLL
RESET
—
—
—
VDDX2
External Reset Pin
TEST
—
—
—
VDDX2
Test Input
XFC
—
—
—
VDDPLL
PLL Loop Filter
BKGD
TAGHI
MODC
—
VDDX2
Always
Up
Up
Background Debug, Tag High, Mode
Pin
PAD[7:0]
AN[7:0]
—
—
VDDA
None
None
Port AD Inputs, Analog Inputs (ATD)
PAD[15:8]
AN[15:8]
—
—
VDDA
Port AD Inputs, Analog Inputs
(ATD)
PA[7:0]
FP[15:8]
ADDR[15:8]/
DATA[15:8]
—
VDDX1
PUCR/
PUPAE
Down
Port A I/O, Multiplexed Address/Data
PB[7:0]
FP[7:0]
ADDR[7:0]/
DATA[7:0]
—
VDDX1
PUCR/
PUPBE
Down
Port B I/O, Multiplexed Address/Data
PE7
FP22
XCLKS
NOACC
VDDX1
PUCR/
PUPEE
Down
Port E I/O, Access, Clock Select,
LCD driver
PE6
IPIPE1
MODB
—
VDDX2
While RESET pin is
low: Down
Port E I/O, Pipe Status, Mode Input
PE5
IPIPE0
MODA
—
VDDX2
Port E I/O, Pipe Status, Mode Input
PE4
ECLK
—
—
VDDX2
PUCR/
PUPEE
Mode de-
pendent
Port E I/O, Bus Clock Output
PE3
FP21
LSTRB
TAGLO
VDDX1
Port E I/O, LCD driver, Byte Strobe,
Tag Low
PE2
FP20
R/W
—
VDDX1
Port E I/O, R/W in expanded modes
PE1
IRQ
—
—
VDDX2
Up
Port E Input, Maskable Interrupt
PE0
XIRQ
—
—
VDDX2
Port E Input, Non Maskable Interrupt
PH[7:0]
KWH[7:0]
—
—
VDDM
PERH/
PPSH
Disabled
Port H I/O, Interrupts
PJ[3:0]
KWJ[3:0]
—
—
VDDX1
PERJ/
PPSJ
Disabled
Port J I/O, Interrupts
PK7
FP23
ECS
ROMONE
VDDX1
PUCR/
PUPKE
Down
Port K I/O, Emulation Chip Select,
ROM On Enable
PK[3:0]
BP[3:0]
XADDR[17:14]
—
VDDX1
Port K I/O, LCD driver, Extended
Addresses
PL[3:0]
FP[19:16]
—
—
VDDX1
PERL/
PPSL
Down
Port L I/O, LCD drivers
PL[7:4]
FP[31:28]
—
—
VDDX1
Port L I/O, LCD drivers
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com