전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S12MSCANV2/D 데이터시트(PDF) 19 Page - Freescale Semiconductor, Inc

부품명 S12MSCANV2/D
상세설명  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12MSCANV2/D 데이터시트(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button S12MSCANV2/D Datasheet HTML 15Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 16Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 17Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 18Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 19Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 20Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 21Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 22Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
–
Inter-Integrated Circuit interface (IIC)
•
Liquid Crystal Display driver with variable input voltage
–
Configurable for up to 32 frontplanes and 4 backplanes or general purpose input or output
–
5 modes of operation allow for different display sizes to meet application requirements
–
Unused frontplane and backplane pins can be used as general purpose I/O
•
16, 24 high current drivers suited for PWM motor control
–
Each PWM channel switchable between two drivers in an H-bridge configuration
–
Left, right and center aligned outputs
–
Support for sine and cosine drive
–
Dithering
–
Output slew rate control
•
144-Pin or 112-Pin LQFP package
–
I/O lines with 5V input and drive capability
–
5V A/D converter inputs
–
Operation at 32MHz equivalent to 16MHz Bus Speed
–
Development support
–
Single-wire background debug™ mode (BDM)
–
On-chip hardware breakpoints
1.3 Modes of Operation
User modes
•
Normal and Emulation Operating Modes
–
Normal Single-Chip Mode
–
Normal Expanded Wide Mode
–
Normal Expanded Narrow Mode
–
Emulation Expanded Wide Mode
–
Emulation Expanded Narrow Mode
•
Special Operating Modes
–
Special Single-Chip Mode with active Background Debug Mode
–
Special Test Mode (Motorola Use Only
–
Special Peripheral Mode (
Low power modes
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com