전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S12MSCANV2/D 데이터시트(PDF) 91 Page - Freescale Semiconductor, Inc

부품명 S12MSCANV2/D
상세설명  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12MSCANV2/D 데이터시트(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button S12MSCANV2/D Datasheet HTML 87Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 88Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 89Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 90Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 91Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 92Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 93Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 94Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
greatest risk when the MCU is not consuming power; e.g. if no system clock is present, or if clock rate is
very low which would reduce overall power consumption.
A.1.5 Absolute Maximum Ratings
Absolute maximum ratings are stress ratings only. A functional operation under or outside those maxima
is not guaranteed. Stress beyond those limits may affect the reliability or cause permanent damage of the
device.
This device contains circuitry protecting against damage due to high static voltage or electrical fields;
however, it is advised that normal precautions be taken to avoid application of any voltages higher than
maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage level (e.g., either VSS5 or VDD5).
Table A-1 Absolute Maximum Ratings1
NOTES:
1. Beyond absolute maximum ratings device might be damaged.
Num
Rating
Symbol
Min
Max
Unit
1
I/O, Regulator and Analog Supply Voltage
VDD5
–0.3
6.0
V
2
Digital Logic Supply Voltage 2
2. The device contains an internal voltage regulator to generate the logic and PLL supply out of the I/O supply.
The absolute maximum ratings apply when the device is powered from an external source.
VDD
–0.3
3.0
V
3
PLL Supply Voltage 2
VDDPLL
–0.3
3.0
V
4
Voltage difference VDDX1 to VDDX2 to VDDM and
VDDA
∆
VDDX
–0.3
0.3
V
5
Voltage difference VSSX to VSSR and VSSA
∆
VSSX
–0.3
0.3
V
6
Digital I/O Input Voltage
VIN
–0.3
6.0
V
7
Analog Reference
VRH, VRL
–0.3
6.0
V
8
XFC, EXTAL, XTAL inputs
VILV
–0.3
3.0
V
9
TEST input
VTEST
–0.3
10.0
V
10
Instantaneous Maximum Current
Single pin limit for all digital I/O pins except PU, PV
and PW 3
3. All digital I/O pins are internally clamped to VSSX1/2 and VDDX1/2, VSSM and VDDM or VSSA and VDDA.
I
D
–25
+25
mA
11
Instantaneous Maximum Current
Single pin limit for Port PU, PV and PW 4
4. Ports PU, PV, PW are internally clamped to VSSM and VDDM.
I
D
–55
+55
mA
12
Instantaneous Maximum Current
Single pin limit for XFC, EXTAL, XTAL5
I
DL
–25
+25
mA
13
Instantaneous Maximum Current
Single pin limit for TEST 6
I
DT
–0.25
0
mA
14
Storage Temperature Range
T
stg
– 65
155
°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com