전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S12MSCANV2/D 데이터시트(PDF) 18 Page - Freescale Semiconductor, Inc

부품명 S12MSCANV2/D
상세설명  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12MSCANV2/D 데이터시트(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button S12MSCANV2/D Datasheet HTML 14Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 15Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 16Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 17Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 18Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 19Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 20Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 21Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
–
BDM (Background Debug Mode)
•
CRG (low current oscillator, PLL, reset, clocks, COP watchdog, real time interrupt, clock monitor)
•
8-bit and 4-bit ports with interrupt functionality
–
Digital filtering
–
Programmable rising or falling edge trigger
•
Memory
–
128K, 256K Flash EEPROM
–
2K, 4K byte EEPROM
–
6K, 12K byte RAM
•
Analog-to-Digital Converter
–
8, 16 channels, 10-bit resolution
–
External conversion trigger capability
•
Two 1M bit per second, CAN 2.0 A, B software compatible modules
–
Five receive and three transmit buffers
–
Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8x8bit
–
Four separate interrupt channels for Rx, Tx, error and wake-up
–
Low-pass filter wake-up function
–
Loop-back for self test operation
•
Timer
–
16-bit main counter with 7-bit prescaler
–
8 programmable input capture or output compare channels
–
Two 8-bit or one 16-bit pulse accumulators
•
2, 6 PWM channels
–
Programmable period and duty cycle
–
8-bit 2, 6-channel or 16-bit 1, 3-channel
–
Separate control for each pulse width and duty cycle
–
Center-aligned or left-aligned outputs
–
Programmable clock select logic with a wide range of frequencies
–
Fast emergency shutdown input
•
Serial interfaces
–
Two asynchronous Serial Communications Interfaces (SCI)
–
Synchronous Serial Peripheral Interface (SPI)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com