전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S12MSCANV2/D 데이터시트(PDF) 93 Page - Freescale Semiconductor, Inc

부품명 S12MSCANV2/D
상세설명  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12MSCANV2/D 데이터시트(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button S12MSCANV2/D Datasheet HTML 89Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 90Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 91Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 92Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 93Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 94Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 95Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 96Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
A.1.7 Operating Conditions
This chapter describes the operating conditions of the device. Unless otherwise noted those conditions
apply to all the following data.
NOTE:
Please refer to the temperature rating of the device (C, V, M) with regards to the
ambient temperature TA and the junction temperature TJ. For power dissipation
calculations refer to Section A.1.8 Power Dissipation and Thermal
Characteristics.
A.1.8 Power Dissipation and Thermal Characteristics
Power dissipation and thermal characteristics are closely related. The user must assure that the maximum
operating junction temperature is not exceeded. The average chip-junction temperature (TJ)in °C can be
obtained from:
Table A-4 Operating Conditions
Rating
Symbol
Min
Typ
Max
Unit
I/O, Regulator and Analog Supply Voltage
VDD5
4.5
5
5.25
V
Digital Logic Supply Voltage 1
NOTES:
1. The device contains an internal voltage regulator to generate the logic and PLL supply out of the I/O supply. The
absolute maximum ratings apply when this regulator is disabled and the device is powered from an external
source.
VDD
2.35
2.5
2.75
V
PLL Supply Voltage 2
VDDPLL
2.35
2.5
2.75
V
Voltage Difference VDDX to VDDR and VDDA
∆
VDDX
–0.1
0
0.1
V
Voltage Difference VSSX to VSSR and VSSA
∆
VSSX
–0.1
0
0.1
V
Oscillator
fosc
0.5
–
16
MHz
Bus Frequency
fbus
0.5
–
16
MHz
MC9S12H256C, MC9S12H128C
Operating Junction Temperature Range
T
J
–40
–
100
°C
Operating Ambient Temperature Range 2
2. Please refer to Section A.1.8 Power Dissipation and Thermal Characteristics for more details about the rela-
tion between ambient temperature TA and device junction temperature TJ.
T
A
–40
27
85
°C
MC9S12H256V, MC9S12H128V
Operating Junction Temperature Range
T
J
–40
–
120
°C
Operating Ambient Temperature Range 2
T
A
–40
27
105
°C
MC9S12H256M, MC9S12H128M
Operating Junction Temperature Range
T
J
–40
–
140
°C
Operating Ambient Temperature Range 2
T
A
–40
27
125
°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com