전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S12MSCANV2/D 데이터시트(PDF) 119 Page - Freescale Semiconductor, Inc

부품명 S12MSCANV2/D
상세설명  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12MSCANV2/D 데이터시트(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button S12MSCANV2/D Datasheet HTML 115Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 116Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 117Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 118Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 119Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 120Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 121Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 122Page - Freescale Semiconductor, Inc S12MSCANV2/D Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
A.7 LCD_32F4B
Table A.7-19 LCD_32F4B Driver Electrical Characteristics
Characteristic
Symbol
Min.
Typ.
Max.
Unit
LCD Supply Voltage
VLCD
-0.25
-
VDDX + 0.25
V
LCD Output Impedance(BP[3:0],FP[31:0])
for outputs to charge to higher voltage level or to
GND 1
NOTES:
1. Outputs measured one at a time, low impedance voltage source connected to the VLCD pin.
ZBP/FP
-
-
5.0
kOhm
LCD Output Current (BP[3:0],FP[31:0])
for outputs to discharge to lower voltage level
except GND 2
2. Outputs measured one at a time, low impedance voltage source connected to the VLCD pin.
IBP/FP
50
-
-
uA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com