| 전자부품 데이터시트 검색엔진 |
|
STPMIC25APQR 데이터시트(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC25APQR 데이터시트(HTML) 85 Page - STMicroelectronics |
|
85 / 145 page ![]() 6.3.10 Buck pull-down control register 1 (BUCKS_PD_CR1) Table 51. BUCKS_PD_CR1 7 6 5 4 3 2 1 0 BUCK4_PD[1:0] BUCK3_PD[1:0] BUCK2_PD[1:0] BUCK1_PD[1:0] R/W R/W R/W R/W R/W R/W R/W R/W • Address: 0x19 • Default: 0bXXXXXXXX where X depends on the value programmed in the NVM • Description: Bucks pull-down control register 1. – This register is initialized to the default value in the INIT&LOAD and in the CHECK&LOAD states. [7:6] BUCK4_PD[1:0]: BUCK4 pull-down selection. 00: no pull-down 01: slow pull-down active when BUCK4 is disabled (EN = 0) 10: fast pull-down active when BUCK4 is disabled (EN = 0) 11: slow pull-down forced active [5:4] BUCK3_PD[1:0]: BUCK3 pull-down selection. 00: no pull-down 01: slow pull-down active when BUCK3 is disabled (EN = 0) 10: fast pull-down active when BUCK3 is disabled (EN = 0) 11: slow pull-down forced active [3:2] BUCK2_PD[1:0]: BUCK2 pull-down selection. 00: no pull-down 01: slow pull-down active when BUCK2 is disabled (EN = 0) 10: fast pull-down active when BUCK2 is disabled (EN = 0) 11: slow pull-down forced active [1:0] BUCK1_PD[1:0]: BUCK1 pull-down selection. 00: no pull-down 01: slow pull-down active when BUCK1 is disabled (EN = 0) 10: fast pull-down active when BUCK1 is disabled (EN = 0) 11: slow pull-down forced active STPMIC25 Register descriptions DS14278 - Rev 3 page 85/145 |