| 전자부품 데이터시트 검색엔진 |
|
STPMIC25APQR 데이터시트(PDF) 88 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC25APQR 데이터시트(HTML) 88 Page - STMicroelectronics |
|
88 / 145 page ![]() 6.3.13 LDO pull-down control register 2 (LDOS_PD_CR2) 7 6 5 4 3 2 1 0 reserved reserved reserved reserved reserved reserved reserved REFDDR_PD R R R R R R R R/W • Address: 0x1C • Default: 0b0000000X where X depends on the value programmed in NVM • Description: LDOs pull-down control register 2. This register is initialized to the default value in the INIT&LOAD and in the CHECK&LOAD states. [7:1] reserved [0] REFDDR_PD: 0: no pull-down 1: pull-down active when REFDDR is disabled (EN = 0) STPMIC25 Register descriptions DS14278 - Rev 3 page 88/145 |