전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4524C/D 데이터시트(PDF) 8 Page - Maxim Integrated Products

부품명 MAX4524C/D
상세설명  Low-Voltage, Single-Supply Multiplexer and Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4524C/D 데이터시트(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4524C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
There is no connection between the analog signal
paths and GND. V+ and GND power the internal logic
and logic-level translators, and set both the input and
output logic limits. The logic-level translators convert
the logic levels into switched V+ and GND signals to
drive the gates of the analog signals. This drive signal
is the only connection between the logic supplies (and
signals) and the analog supplies. V+ has an ESD-pro-
tection diode to GND.
Low-Voltage Operation
These devices operate from a single supply between
+2V and +12V. At room temperature, they actually
“work” with a single supply at near or below +1.7V,
although as supply voltage decreases, switch on-resis-
tance and switching times become very high.
High-Frequency Performance
In 50
Ω systems, signal response is reasonably flat up
to 50MHz (see Typical Operating Characteristics).
Above 20MHz, the on-response has several minor
peaks, which are highly layout dependent. The problem
is not turning the switch on, but turning it off. The off-
state switch acts like a capacitor, and passes higher
frequencies with less attenuation. At 10MHz, off-isola-
tion is about -50dB in 50
Ω systems, becoming worse
(approximately 20dB per decade) as frequency
increases. Higher circuit impedances also degrade off-
isolation. Adjacent channel attenuation is about 3dB
above that of a bare IC socket, and is entirely due to
capacitive coupling.
Low-Voltage, Single-Supply
Multiplexer and Switch
8
_______________________________________________________________________________________
_________________________________Test Circuits/Timing Diagrams (continued)
50%
tOFF
V+
0V
VNO0
VOUT
VINH
0V
90%
90%
tON
50%
tOFF
V+
0V
VNO_
VOUT
VINH
0V
90%
90%
tON
VINH
VINH
V+
VOUT
GND
V+
ADDB
ADDA
INH
NO0
NO1–NO3
COM
V+
MAX4524
300
Ω
50
Ω
35pF
V+
VOUT
GND
V+
ADD
INH
NO_
NC_
COM_
V+
MAX4525
300
Ω
35pF
50
Ω
REPEAT TEST FOR EACH SECTION.
Figure 2. Inhibit Switching Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com